PART |
Description |
Maker |
ASM4SSTVF32852 ASM4SSTVF32852-114BT ASM4ISSTVF3285 |
DDR 24-Bit to 48-Bit Registered Buffer SSTV SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PBGA114 Specialty Clock Management 2.3 V -2.7 V, DDR 24-bit to 48-bit registered buffer
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation]
|
FB2031BB CD3206BB |
9-bit latched/registered/pass-thru Futurebus transceiver FB SERIES, 9-BIT REGISTERED TRANSCEIVER, INVERTED OUTPUT, PQFP52
|
NXP Semiconductors N.V.
|
74LVCH16543APAG8 |
IC LOGIC 16543 CMOS 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS, TOLERANT I/O, AND BUS-HOLD 3.3V -40 85C TSSOP-56 2000/REEL LVC/LCX/Z SERIES, DUAL 8-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56
|
Integrated Device Technology, Inc.
|
CY2SSTV16859ZIT CY2SSTV16859 CY2SSTV16859LFC CY2SS |
13-Bit to 26-Bit Registered Buffer PC2700-/PC3200-Compliant 13-Bit to 26-Bit Registered Buffer PC2700-/PC3200-Compliant SSTV SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO64
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor, Corp.
|
M312L5128MT0 M312L5128MT0-CA0 M312L5128MT0-CA2 M31 |
DDR SDRAM Registered Module ( TSOP-II ) 184pin Registered Module based on 1Gb M-die with 1,200mil Height & 72-bit ECC
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
IDT74FCT162511CTPA IDT74FCT162511CTPAB IDT74FCT162 |
FAST CMOS 16-BIT REGISTERED/LATCHED TRANSCEIVER WITH PARITY FCT SERIES, 16-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56 CAP 10UF 10V 20% TANT SMD-3528-12 TR-7-PL SN/PB5% LOWESR-3500 快速CMOS 16位注锁存奇偶收发 CAP 6.8UF 16V 10% TANT SMD-6032-28 TR-7-PL SN100% LOWESR-800
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
GS8161E32D-166 GS8161E32D-166I GS8161E3T-200 GS816 |
14-Bit Registered Buffer With SSTL_2 Inputs and Outputs 48-TVSOP 0 to 70 100万1812k × 32的,12k × 36 35.7同步突发静态存储器 1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs 1M×18512k×32512k×36 18M位同步突发静态存储器 20-Bit SSTL_3 Interface Buffer With 3-State Outputs 64-TSSOP 0 to 70 100万1812k × 32的,12k × 36 35.7同步突发静态存储器 25-Bit Configurable Registered Buffer With Address-Parity Test 96-LFBGA 0 to 70 100万1812k × 32的,12k × 36 35.7同步突发静态存储器 1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs 1M×1812k×3212k×36 18M位同步突发静态存储器 Quad 2-input Exclusive-OR gates 14-PDIP 0 to 70 100万1812k × 32的,12k × 36 35.7同步突发静态存储器 25-Bit Configurable Registered Buffer with SSTL_18 Inputs and Outputs 96-LFBGA 0 to 70 100万1812k × 32的,12k × 36 35.7同步突发静态存储器 20-Bit SSTL_3 Interface Universal Bus Driver With 3-State Outputs 64-TSSOP 0 to 70 Quad 2-input Exclusive-OR gates 14-SOIC 0 to 70 13-Bit to 26-Bit Registered Buffer with SSTL_2 Inputs and Outputs 56-VQFN 0 to 70
|
http:// GSI Technology Electronic Theatre Controls, Inc.
|
PI74ALVCH16270 |
From old datasheet system 12-Bit To 24-Bit Registered Bus Exchanger with 3-State Outputs
|
Pericom Technology PERICOM[Pericom Semiconductor Corporation] Pericom Semiconductor Corp.
|
SSTUA32866EC SSTUA32866EC-G SSTUA32866 |
1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-667 RDIMM applications
|
PHILIPS[Philips Semiconductors]
|
SSTUB32866EC_G SSTUB32866EC_S SSTUB32866 |
1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications
|
PHILIPS[Philips Semiconductors]
|
PI74AVC16345K PI74AVC16345A PI74AVC16345 |
2.5V, Registered 1-Bit to 4-Bit Address Driver w/3-State Outputs
|
Pericom Semiconductor C... Pericom Semiconductor Corp.
|
SSTUH32866EC_G SSTUH32866 SSTUH32866EC SSTUH32866E |
1.8 V high output drive 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2 RDIMM applications
|
Philips NXP Semiconductors N.V.
|